Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 120 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 120 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 116Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 117Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 118Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 119Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 120Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 121Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 122Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 123Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 124Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
118
1.
One of the ELAN 8x10 devices in the system (the source device) begins
receiving an Ethernet frame on one of its MAC channels; the frame is intended
for a destination entity connected to a port on another ELAN 8x10 device (the
destination device). The ELAN 8x10 MAC channel converts and places the
incoming data into the MAC interface FIFO, as usual, until the end of the frame
has been reached.
2.
The DMA Controller allocates one or more packet buffers from the free packet
buffer pool to hold the frame and fills them with data words copied from the
MAC channel FIFO, computing the required 32-bit CRC over the frame at the
same time. When the 14-byte frame header has been received, the DMA
Controller uses the hash table lookup mechanism to scan the address table and
obtain the pointers to the source and destination address table entries for the
MAC addresses in the frame. Note that the destination address table entry in
this case must be a forwarding tag, as the frame is destined to be transferred
across the PCI bus to another device. The source address table entry (if one
exists) must be a hash bucket.
3.
The frame reception process continues until the frame has been completely
received and transferred to packet buffers. When reception terminates, the DMA
Controller flushes the MAC FIFO to the packet buffers and notifies the Switch
Processor of the received frame by via an interrupt.
4.
The Switch Processor executes the normal receive interrupt service routine in
response to the interrupt; as usual, it first reads out the contents of the
appropriate DMA Controller channel registers, and then re-enables the DMA
channel. The receive interrupt service firmware checks the status code returned
by the DMA to determine whether the frame is errored, and performs the
necessary processing as indicated.
5.
If a valid frame has been received, the firmware verifies that the port buffer
allocation limit in the MaxBuffers field of the local port descriptor has not been
exceeded (and begins backpressure if necessary, or frame discard if the limit
has been exceeded, as already described).
6.
The receive interrupt service firmware now allocates and initializes a data
descriptor to point to the frame, as usual, and queues it on to tail of the work
queue. The work counter is incremented, generating a work queue interrupt.
7.
When the Switch Processor receives the work interrupt, it begins executing the
work queue interrupt service routine, and will remove the frame from the work
queue and process it. As before, the firmware begins by decoding the source
hash bucket pointer returned by the DMA Controller and checking it for
consistency, and will announce a topology change or learn a new address
based on the results. It will also update the aging timestamp in the source hash
bucket (if a valid one exists). The standard filter check is performed to insure
that the source and destination ports are not the same. The destination address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com