Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 124 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 124 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 120Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 121Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 122Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 123Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 124Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 125Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 126Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 127Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 128Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
122
usual manner (from the head of the queue, which may not necessarily
correspond to the frame just queued) if possible.
20. In the mean time, the acknowledge counter increment performed by the
destination device to the source device in step 16 will cause an acknowledge
counter interrupt to be performed to the Switch Processor in the source device.
The Switch Processor then begins executing the acknowledge counter service
routine. This routine will verify that the acknowledge counter update was valid
(by consulting the expansion port descriptor corresponding to the incremented
acknowledge counter), and then remove the entry at the head of the queue,
updating the expansion port descriptor accordingly. The reference count
maintained within the last packet buffer for the queue entry is decremented: if
the count goes to zero, the packet buffer chain and the data descriptor are both
freed to their respective free pools; otherwise, only the data descriptor is freed,
and the updated reference count is simply written back to the packet buffer.
Finally, if the packet buffer chain was freed, the MaxBuffers field in the original
source local port descriptor is incremented by the count of buffers freed, to
restore it to its original value prior to the reception of the frame.
21. The DMA Controller in the remote (destination) device has, during this time,
been enabled to transmit the frame. It performs the transmit in the usual
manner, traversing the linked-list of packet buffers and copying the data in them
into the MAC channel FIFO. This process continues until the entire frame has
been transmitted. (If a broadcast is being performed, the DMA Controller will
perform the transmit operation for multiple channels concurrently.)
22. When the transmit is completed for a given channel, the DMA Controller will
interrupt the Switch Processor in the destination device to signal that frame
transmit has been accomplished and the channel should be serviced.
23. The standard transmit interrupt service routine will be invoked in response to the
interrupt generated in step 22. The firmware reads the data descriptor from the
head of the transmit queue, obtains a pointer to the last packet buffer from the
LastPB field of the data descriptor, and reads and decrements the reference
count.
24. If the decremented reference count is non-zero, only the data descriptor is freed
to the free data descriptor pool, and the updated reference count is written back;
otherwise, both the data descriptor and the packet buffer chain are freed to their
respective pools.
The firmware now reads and updates the per-port and per-MAC transmit
statistics. The per-port statistics are stored in the local port descriptor; the per-
MAC statistics are only updated in the case of unicast frames, in which case the
firmware obtains a pointer to the required destination hash bucket from the
HashBkt field of the data descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com