Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 121 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 121 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 117Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 118Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 119Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 120Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 121Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 122Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 123Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 124Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 125Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
119
table entry is also decoded and inspected; as this description relates to frames
being forwarded across the PCI bus, the destination address table entry will be
found to be a forwarding tag indicating a remote device as the target of the
frame, or will indicate a multicast, or will be non-existent (in which case the
frame will be flooded, and must be sent across the PCI bus to remote devices).
If a forwarding tag was located during the address lookup for the destination
MAC address, the remote hash bucket pointer is extracted from the SrcHashBkt
field of the forwarding tag and placed in the HashBkt field of the data descriptor;
otherwise, the source hash bucket pointer is placed in the HashBkt field.
8.
The frame has been successfully processed and classified; the source MAC
address statistics (i.e., the per-host statistics in the source hash bucket) and the
per-port statistics are updated appropriately at this time.
9.
The firmware now queues the frame for transfer to a remote device (in the case
of broadcasts or floods, it queues the frame for transmission out local ports as
well). The firmware then obtains the chip index or indices from the forwarding
tag (or the broadcast restriction mask, in the case of broadcasts or floods),
locates the expansion port descriptor(s), and obtains the transfer queue tail
pointer from the expansion port descriptor(s). The firmware then enters the
frame into the appropriate transfer queue(s), in the manner already described in
a preceding section. Note that entry into multiple queues - i.e., a broadcast -
entails the allocation of additional data descriptors and the generation of
multiple queue entries, all set up to point to the same linked-list of packet
buffers.
When the frame has been placed on all of the necessary transfer queues, the
firmware inspects the status of the DMA Controller counter increment channel .
If the channel is not busy, then the firmware will load the channel registers with
a bitmask that indicates the remote device(s) to which the frame is directed, and
enable the DMA Controller to increment the request counter(s) in the remote
device(s) across the PCI bus.
10. The DMA Controller on the source device performs a request counter increment
to the specified remote device(s) as instructed by the firmware in step 9. This
request counter increment causes, in turn, a request interrupt to be generated to
the Switch Processor(s) in the remote device(s), notifying the Switch Processor
of the presence of an outstanding frame transfer request. The Switch
Processor(s) will then begin executing the interrupt service routine firmware that
is intended to handle these frame transfer requests.
11. The first step in the handling of the request counter interrupt at the remote
device is to inspect the buffer limit (maintained in the MaxBuffers field of the
expansion port descriptor corresponding to the source device) to determine if
the source device has exhausted its buffer allocation. If sufficient buffers
remain, the firmware will then allocate a data descriptor from the free data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com