Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 118 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 118 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 114Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 115Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 116Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 117Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 118Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 119Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 120Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 121Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 122Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
116
another device when acting as a destination and acknowledging the receipt of data.
This fact is taken advantage of by the ELAN 8x10 hardware: the CTRBASE register in
the DMA Controller is set up at configuration time in each ELAN 8x10 device with the
offset of the request counter index assigned to the device itself; the firmware then
simply has to indicate the target of a request or acknowledge, and the hardware can
use the internal CTRBASE register to determine the actual counter to increment. This
also facilitates broadcasts, as the firmware can simply supply a bitmask in the
CTRMASK DMA Controller register corresponding to the chips that form the target of
the broadcast, and the hardware will use the bitmask in conjunction with the CTRBASE
register to increment multiple request counters across the system.
The foregoing has dealt with the use and configuration of the hardware communication
means, i.e., the request and acknowledge counter banks. The situation for the actual
data transfer is substantially simpler, as the ELAN 8x10 hardware and firmware place
no restrictions on the PCI addresses from which data copies may be done. Once a
particular request has been mapped to a specific source chip via the request counter
index by any ELAN 8x10 device, the 32-bit PCI address from which the data transfer
must be performed is defined by the 32-bit RemoteDD field of the expansion port
descriptor assigned to track transfers from that chip. Thus the only hard limitation on
the number of devices that may be supported by an ELAN 8x10 system is set by the
number of request and acknowledge counters that are implemented in the ELAN 8x10
chips.
It should be noted that the assignments of counter indices to devices (as well as the
association of devices with actual PCI addresses) is performed statically at initialization
time by the boot image executed by every ELAN 8x10 device.
General Frame Transfer Sequence
The following diagram details the sequence of events when switching a unicast frame
from a MAC port on the source ELAN 8x10 device to a MAC port on a remote ELAN
8x10 device via the expansion bus. (The same general sequence holds even if the
destination device is not an ELAN 8x10 chip, as all devices that expect to communicate
with the ELAN 8x10 must follow the same protocol.) Note that if a broadcast frame is
sent to two or more ELAN 8x10 devices, then the frame reception and processing steps
remain the same within the source device, but the frame transfer steps are repeated for
each additional remote ELAN 8x10 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com