Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 115 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 115 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 111Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 112Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 113Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 114Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 115Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 116Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 117Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 118Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 119Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
113
Note that the use of counters rather than flags or registers permits multiple requests or
acknowledges to be outstanding at any device without problems. Each destination
device must thus maintain a request counter that the source device can increment, and
each source device must maintain a counter that the destination can increment in
acknowledgement. If the "destination" device wishes to send frames back to the
"source" device, then a mirror set of request and acknowledge counters must be
implemented in the devices, and the same protocol works but in mirrored fashion.
To extend the protocol to support multiple devices in the system, a bank of request
counters and a bank of acknowledge counters are built into each device: each device in
the system contains eight request counters and eight acknowledge counters, thereby
permitting systems to be built with up to eight inter-communicating devices. The
counters are mapped into the PCI memory address space starting at offset 0xffff00 hex
from the base address assigned to the device, as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com