| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 113 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 113 Page - PMC-Sierra, Inc |
|
113 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 111 Switching Via The Expansion Bus If a frame received on a physical port of any ELAN 8x10 device is addressed to a destination host connected to a MAC port of an external (remote) ELAN 8x10 device, then the frame will be passed to the external device via the PCI expansion bus interface. Frame switching via the PCI expansion bus is carried out in two stages: the source ELAN 8x10 receiving the frame appends the frame to the frame transfer queue that it maintains for the destination device (and signals the destination device that another frame is available); the destination device is then expected to copy the data from the source ELAN 8x10 to its own memory space, and notify the source ELAN 8x10 when the transfer is complete (i.e., acknowledge the transfer). The destination device is then completely responsible for subsequently transmitting the data on the correct Ethernet link. Note that broadcast or multicast transfer to multiple remote devices is done by having each destination device separately copy the same frame across the PCI bus to their own memory spaces, and separately acknowledge the copy to the source of the frame. This will be followed by multiple transmissions of the frame over the local ports within the destination devices, without any further use of the PCI bus. A bandwidth multiplication effect is thus obtained when the destination devices (such as other ELAN 8x10 chips) transmit the frame over multiple ports, as a single copy of the frame over the PCI bus can result in multiple transmissions within the destination devices. Request and Acknowledge Counters and Protocol The ELAN 8x10 (and other devices that expect to communicate with the ELAN 8x10) implements a set of hardware counters that assist in the signaling across the PCI bus. A total of eight request counters and eight acknowledge counters are implemented, one corresponding to each device in the system. These counters are mapped into the upper 64 kB of the 16 MB address space assigned to each ELAN 8x10 device, and are incremented as required to notify target devices that frames are available to be transferred, or that frames have been transferred and the memory resources used by them may be freed. A relatively simple protocol is followed when transferring frames between ELAN 8x10 devices across the PCI bus. The following figure shows a high-level view of the handshake employed: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |