Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 111 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 111 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 107Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 108Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 109Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 110Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 111Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 112Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 113Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 114Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 115Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
109
into the appropriate transmit queue(s). Note that entry into multiple queues - i.e.,
a broadcast - entails the allocation of additional data descriptors to act as queue
entries, all set up to point to the same linked-list of packet buffers. The
reference count in the packet buffer will be updated as required for broadcast
frames.
When the frame has been placed on any transmit queue, the firmware also
inspects the status of the corresponding DMA Controller channel . If the channel
is not busy (either receiving a frame, or transmitting a previously queued frame),
then the firmware will load the channel registers with the address of the first
packet buffer in the transmit queue entry at the head of the queue, and enable
the DMA Controller to begin transmitting data on that channel..
17. When the DMA Controller channel is enabled for transmit, the associated MAC
logic attempts to seize the medium and send the data: it defers to passing
frames, if any, waits for the required interframe gap and then starts sending the
802.3 preamble, followed by the frame data. The DMA Controller will read data
out of the packet buffers in memory to fill the MAC channel FIFO with frame
data, traversing the linked-list of buffers until it has reached the end.
If a collision occurs at any time during frame transmit, the MAC channel logic will
terminate the transmission, cause a jam pattern to be sent, and then start the
backoff timer with the pre-loaded backoff value. In the mean time, the DMA
Controller will signal a collision interrupt to the Switch Processor; the Switch
Processor firmware will then re-compute the backoff timer for the next possible
collision and set up the DMA Controller channel registers to re-transmit the
frame after the backoff period ends.
18. The transmit process continues until no more packet buffers remain to be
transmitted. The DMA Controller detects that all the frame data has been
transmitted when it reaches the end of the linked-list of buffers (as indicated by
a NULL NextPB pointer) and the MAC channel FIFO is empty, signifying that the
data have been placed on the medium. At this point, the DMA Controller
interrupts the Switch Processor to notify it that the frame transmit has completed
successfully.
Note that the DMA Controller computes a running CRC over the transmitted
data. If the CRC is found to be in error, the DMA Controller will optionally
append a correct CRC at the end of the frame, if the appropriate mode bit is set
in a configuration register.
19. The Switch Processor responds to the DMA Controller end-of-transmit interrupt
and begins executing the end-of-transmit interrupt service routine firmware. The
firmware first reads the data descriptor at the head of the transmit queue for the
port (which is associated with the frame that was just transmitted), obtains a
pointer to the last packet buffer in the linked-list of buffers holding the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com