Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 124Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 125Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 126Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 127Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 128Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 129Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 130Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 131Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
126
4.
Remote address learning has been determined to be possible. The Switch
Processor allocates an empty 16-byte memory block from the free data
descriptor pool and formats it as a forwarding tag. It fills in the new source MAC
address (read from the IEEE 802.3 source address field of the Ethernet frame),
the pointer to the master hash bucket in the remote device (read from the
HashBkt field of the data descriptor), and the chip number (obtained from the
SrcChip field of the data descriptor) into the MACAddr, SrcHashBkt, and
ChipNum fields, respectively, of the blank forwarding tag. In addition, it fills in
the MulticastMask and FTFlags fields of the forwarding tag with their default
values.
5.
The forwarding tag must now be inserted into the hash table at the correct point.
To do this, the Switch Processor hashes the MAC address and computes the
index into the hash pointer array (in the same manner as implemented by the
hash lookup mechanism). It then converts the index into the actual address of
the appropriate entry within the hash pointer array, reads the 24 LSBs of this
entry, and writes the 24 LSBs into the NextFT field of the newly created
forwarding tag. Finally, it writes the memory address of the forwarding tag into
the hash pointer array, which completes the insertion of the forwarding tag into
the address table.
6.
The creation and insertion of the forwarding tag, carrying with it the necessary
information required to direct frames targeted at the given MAC address to the
remote device, completes the remote learning process. The Switch Processor
now continues with the rest of the frame switching process.
Note that the number of forwarding tags created within any of the ELAN 8x10 devices in
a system must equal the sum of the numbers of hash buckets created in all of the other
devices in the system (each new hash bucket created within any remote device results
in a forwarding tag being created within this device). In addition, the sum of the
forwarding tags and the hash buckets created by any one device cannot exceed the
pre-set maximum number of addresses that can be learned by the system.
Default Hash Buckets
A special mechanism is implemented to deal with the case when a new source MAC
address cannot be learned due to some reason (e.g., when the pool of available hash
buckets is exhausted). This mechanism is necessary as the source hash bucket pointer
that is used at various points during the switching process must always point to a valid
hash bucket data structure, as this pointer is utilized by the switching firmware to
update statistics and so on. In addition, the local port descriptor pointer within the hash
bucket must also be valid, and pointing to the correct local port descriptor
corresponding to the physical port upon which the frame arrived.
To deal with the above case, the initialization process creates eight dummy (default)
hash buckets within the Switch Processor operating environment at system start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com