Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 129 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 129 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 125Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 126Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 127Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 128Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 129Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 130Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 131Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 132Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 133Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
127
These hash buckets are set up to correspond to the eight physical ports, respectively
(i.e., their local port descriptor pointers are set up to point to the various ports). These
hash buckets are not placed into the address table, and their MAC address fields are
invalid. They will never be found by the hash lookup mechanism during the source and
destination MAC address resolution process.
When a particular source MAC address is not found in the address table, and cannot
be learned due to some constraint, the Switch Processor instead sets up the source
hash bucket pointer placed into the data descriptor and used during the switching
process to point to the appropriate default hash bucket corresponding to the physical
port upon which the frame arrived. This source hash bucket pointer hence indicates a
valid hash bucket (even though it is one with the wrong MAC address, and invalid
statistics fields); thus the remainder of the switching and frame forwarding firmware will
continue to operate as normal. Statistics updates may be done to the default hash
bucket; as the statistics fields within the hash bucket are invalid anyway, these statistics
updates will be irrelevant. In this manner, the Switch Processor can ensure that the
source hash bucket pointer passed to the remainder of the system will always point to a
valid hash bucket, even if learning is disabled or not possible.
Address Aging Process
To reclaim the address table resources that have been allocated to network entities that
are currently inactive or non-existent, the ELAN 8x10 implements an automatic address
table aging mechanism. In essence, this mechanism causes a given address table
entry to be deleted if a frame has not been received from the corresponding host
computer (or other originator of traffic) for a specified period of time. The mechanism
also implements a means whereby a topology change in the network (i.e., the
movement of one or more hosts between ELAN 8x10 ports) can result in the removal of
the outdated address table entry or entries and the substitution of new ones to reflect
the new state of the network.
In general, aging is carried out using the AgeControl field in the hash bucket data
structures. This field is updated with the current value of the 32-bit real-time system
clock (represented by the CLOCK register pair in the Switch Processor) whenever a
valid frame has been received from the corresponding source entity. The AgeControl
field thus indicates the last time at which the source was active. The aging process
periodically scans the entire address table, comparing the AgeControl fields in the
various hash buckets with the current value of the real-time clock; if the difference
exceeds a pre-set threshold, then the hash bucket is removed and returned to the free
hash bucket pool. In a system containing more than one ELAN 8x10 device, an
additional process is followed to ensure that the forwarding tags on all of the other
ELAN 8x10 devices corresponding to the deleted hash bucket are removed before the
hash bucket is itself eliminated. This is necessary to prevent system corruption due to
inconsistent data structures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com