Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 131 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 131 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 127Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 128Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 129Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 130Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 131Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 132Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 133Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 134Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 135Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
129
Of the three components, the first has already been described in the sections dealing
with frame switching and inter-device frame transfers (see above). The other two will be
described in detail in this section.
Background Scanning Task
The background scanning task is invoked periodically (during idle periods, when frame
switching is not occurring) to search the entire address table for hash buckets that need
to be removed. The scan period is configurable, and defaults to 1 second.
The first step executed by the background scanning task is to determine the limit
imposed on the age of hash buckets. If a topology change was not detected, this limit is
simply the contents of the MaxAge variable. If, however, a topology change occurs, this
limit is set to the contents of the ForwardDelay variable for a period equal to the
ForwardDelay time, after which it reverts to the MaxAge time. Thus, for example, if the
default values of 300 seconds and 2 seconds, respectively, are used for MaxAge and
ForwardDelay, then for the 2 seconds following a topology change the age limit is set to
2 seconds, after which the age limit is set to 300 seconds. After the limit has been set,
the CLOCK register pair is read and preserved as the current time against which the
AgeControl fields in the hash buckets will be compared.
The next step is to scan the address table. To implement this, the hash pointer array is
simply scanned linearly, starting at the first pointer and terminating at the last. If any
pointer is found to be non-NULL, this indicates that a list of one or more hash buckets
and/or forwarding tags is attached to that entry; the list is then sequentially scanned
until no more elements remain in the list, after which the scanning returns to the next
hash pointer array entry. After the last entry in the hash pointer array has been
checked, the background scanning task returns.
For each hash bucket or forwarding tag found, the Flags field is checked to determine
whether it is a hash bucket, and also whether it can be aged out. If so, the AgeControl
field of the hash bucket is read and subtracted from the current time to give the age of
the hash bucket, and the result is compared to the age limit. If the comparison fails (i.e.,
the age of the hash bucket is greater than the limit), then the hash bucket is removed
from the linked list; otherwise, the hash bucket is left untouched and scanning
proceeds.
Once a hash bucket that has aged out has been located and removed from the address
table, it must be freed. This is not done immediately, however, as there may be other
devices in the system with forwarding tags that reference this hash bucket; if the hash
bucket is destroyed before deleting these forwarding tags, then incoming frames on
other devices that are directed to the corresponding MAC address may cause
inconsistencies and failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com