Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 134 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 134 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 130Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 131Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 132Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 133Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 134Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 135Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 136Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 137Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 138Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
132
Buffer Management
As already mentioned, two forms of buffer management are performed by the ELAN
8x10 device. The first mechanism attempts to distribute the available frame buffer
space equitably across the eight ports in the device, such that no one port will be
permitted to starve the others of buffer space to hold incoming frames. The second
mechanism places a limit on the number of broadcast or multicast frames that will be
buffered by the system at any one time; this limit prevents unicast traffic from being
unfairly affected due over-consumption of system resources by large amounts of
broadcasts or multicasts.
Per-port Buffer Allocation Limits
Per-port buffer allocation is controlled using the 16-bit MaxBuffers fields in the local port
descriptor structures. This field is set up at initialization time with the maximum number
of (fixed-size) packet buffers that the given local port is allowed to consume. Whenever
a valid frame is received on a MAC channel, the Switch Processor firmware subtracts
the number of packet buffers required to hold the frame from the MaxBuffers field in the
corresponding local port descriptor. If the result is less than or equal to zero, it indicates
that the port does not have sufficient buffer capacity to hold the frame; the frame is then
discarded. If the result is greater than zero, the frame is accepted, and the MaxBuffers
field is updated to reflect this fact. The MaxBuffers field is subsequently incremented
(again, by the number of packet buffers used to contain the frame data) when the frame
is either transmitted, transferred to another device across the PCI bus, or discarded.
This method of limiting buffer allocation has the advantage that there is no need to
physically reserve portions of memory for specific ports. All of the available free packet
buffers are placed into a single, common, global free pool, and allocated by the various
ports as required. The MaxBuffers fields in the local port descriptor structures serve as
'soft' limits, preventing any port or group of ports with high incoming traffic from starving
the others. It is not necessary that all ports be assigned the same buffer limit; the
MaxBuffers fields may, for example, be set higher for ports that are expected to carry
high traffic, and lower for the others. It is required, however, that the sum of the
MaxBuffers fields of all of the local ports be no greater than the total number of packet
buffers in the system (minus approximately 200 buffers to compensate for system
overheads and temporary overruns). The permissible range of the MaxBuffers fields is
between 44 and 32767, depending on the available packet buffer memory.
Buffer allocation limits are also maintained separately for each external ELAN 8x10 (or
other) device in the system that is connected to this device via the PCI bus. These
buffer allocation limits are located in the MaxBuffers fields of the expansion port
descriptors, and operate in substantially the same way as the corresponding fields in
the local port descriptors, but control frame transfers from other devices to this ELAN
8x10 device. One significant difference is that frames are not discarded when the
MaxBuffers field in an expansion port descriptor becomes less than or equal to zero;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com