Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 137 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 137 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 133Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 134Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 135Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 136Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 137Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 138Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 139Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 140Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 141Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
135
•
if the TypeSpecific subfield of the Flags field is zero, it is changed to a 1, but
nothing more is done with that descriptor; the background task proceeds to the
next transmit queue.
•
if the TypeSpecific subfield of the Flags field is non-zero, the descriptor must
have been marked in a previous sweep, and hence must have been present on
the transmit queue for at least one sweep interval. Thus the transmit queue has
been inactive for at least that long; the descriptor (and potentially the frame
data, if no other queues are pointing to the same frame) is removed from the
queue and returned to the free pool.
The mark-and-sweep algorithm thus detects when a frame has been present in a
transmit queue for an excessive amount of time by marking it in one sweep, and
detecting the marked frame in the next sweep. If the frame was transmitted in the
interval between sweeps, it will be deleted from the transmit queue; the next entry in the
transmit queue will be marked in its turn, preparatory to the next sweep. If a transmit
queue is blocked, therefore, frames will be prevented from remaining in it indefinitely,
and their memory resources will be reclaimed.
Transmit Queue Restart
In certain rare cases, it is possible for frames to remain in a transmit queue without any
transmit attempt being made (even if the MAC channel is completely idle). To handle
this situation, the Switch Processor executes a periodic background task (referred to as
the transmit queue restart process) that is invoked at short intervals during idle periods,
when the Switch Processor is not busy with frame switching. This background task
scans all of the MAC channels; for each idle MAC channel, it checks to see if a
corresponding non-empty transmit queue exists. If so, the background task simply
reads the data descriptor at the head of the transmit queue and attempts to start
transmission of that frame over the MAC channel; otherwise, the background task
continues on to the next channel. When all eight channels in the ELAN 8x10 have been
scanned, the background task terminates, and waits until it is invoked again.
The transmit queue restart process is performed at the same time as the mark-and-
sweep algorithm that purges stalled entries from the transmit queues.
Broadcast Rate Limiting
It is desirable to provide some form of limit on the rate of throughput of broadcasts
handled by an ELAN 8x10 system; this limit should be set to allow a relatively small,
'normal' level of broadcasts, but prevent the excessive rates of broadcasts that can
occur during malfunctions such as broadcast storms. It should be noted that the rate at
which broadcasts occur (not the total number of broadcasts being handled by the
system) must be limited; the limit is therefore set in terms of broadcast frames accepted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com