| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 140 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 140 Page - PMC-Sierra, Inc |
|
140 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 138 Per-port Counters Name Location Description RXUcstFrames PortDesc Valid unicast frames received on this port RXUcstOctets PortDesc Valid unicast octets received on this port RXBcstFrames CtrBlk Valid broadcast frames received on this port RXBcstOctets CtrBlk Valid broadcast octets received on this port RXMcstFrames CtrBlk Valid multicast frames received on this port RXMcstOctets CtrBlk Valid multicast octets received on this port RXFloodFrames CtrBlk Valid frames received and then flooded to all ports RXFloodOctets CtrBlk Valid octets received and then flooded to all ports AlignErrors CtrBlk Frames received on this port with alignment errors CRCErrors CtrBlk Frames received on this port with CRC errors DribbleErrors CtrBlk Frames received on this port with dribble bit errors LongErrors CtrBlk Oversize frames received with good CRCs JabberErrors CtrBlk Oversize frames received with bad CRCs ShortErrors CtrBlk Undersize frames received with good CRCs RuntErrors CtrBlk Undersize frames received with bad CRC MACErrors CtrBlk Frames lost due to internal MAC/FIFO errors DropErrors CtrBlk Frames lost due to resource limits (out of buffers) RXErrorOctets CtrBlk Errored octets received RXFrames64 PortDesc 64-byte frames received (valid or errored) RXFrames65 PortDesc 65-127 byte frames received (valid or errored) RXFrames128 PortDesc 128-255 byte frames received (valid or errored) RXFrames256 PortDesc 256-511 byte frames received (valid or errored) RXFrames512 PortDesc 512-1023 byte frames received (valid or errored) RXFrames1024 PortDesc 1024-1518 byte frames received (valid or errored) TXFrames PortDesc Valid unicast frames transmitted out this port TXOctets PortDesc Valid unicast octets transmitted out this port TXDefers PortDesc Frames subject to deference on first transmit TXErrors CtrBlk Transmit frames lost due to internal errors SingleCollide CtrBlk Frames transmitted after a single collision MultCollide CtrBlk Frames transmitted after multiple collisions LateCollide CtrBlk Frames discarded due to late collisions CollideAbort CtrBlk Frames discarded due to excessive collisions In the table above, note that "PortDesc" refers to the local port descriptor structure corresponding to the associated MAC channel, while "CtrBlk" denotes the port |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |