Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 142 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 142 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 138Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 139Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 140Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 141Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 142Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 143Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 144Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 145Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 146Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
140
Messaging Protocol
This section is TBD.
Spanning Tree Operation
This section is TBD.
RTOS Operation
This section is TBD.
UDP/IP Protocol Stack Operation
This section is TBD.
SNMP Operation
This section is TBD.
Device Interface Via PCI
This section describes how external devices that are not ELAN 8x10s (or members of
the ELAN family) may be interfaced to the ELAN 8x10 device via the PCI bus. In
general, such devices must follow the defined ELAN 8x10 messaging and frame
transfer protocol for smooth operation. If the protocol is followed, then the external
devices appear to the ELAN 8x10 chip as members of the ELAN family; they may then
participate in all aspects of normal operation, including frame transfers, address
learning and aging, messaging, and statistics gathering.
Frame Transfer to Non-ELAN Devices
This section is TBD.
Participation in Address Learning
This section is TBD.
Participation in the Messaging Protocol
This section is TBD.
Accessing Variables and Statistics
This section is TBD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com