| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 145 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 145 Page - PMC-Sierra, Inc |
|
145 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 143 Alternate Byte Ordering Byte 0 01243567 Byte 1 01243567 Byte 2 01243567 Byte 3 01243567 Byte 4 01243567 . . . Byte 0 Byte 1 Byte 2 Byte 3 76543210 Byte 7 76543210 76543210 76543210 76543210 Byte 4 Byte 5 Byte 6 76543210 76543210 76543210 increasing time increasing time Ethernet/802.3 Frame PCI Bus DWords NextPointer Size AD31 AD0 Unused Count ELAN 1x100 / ELAN 8x10 Expansion Bus Data Transfer Rates This section describes what the expected PCI expansion bus utilization is as a function of the following system parameters: • number of ELAN-1x100 chips in the system • number of ELAN-8x10 chips in the system • Ethernet traffic patterns for the 10 Mbit and 100 Mbit links The PCI bus utilization metric is then applied to determine if the switch configuration and traffic pattern will result in a blocking or non-blocking switch implementation. The data provided allows you to create your own spreadsheet to determine if the switch configuration and traffic mix that is required in your implementation can be supported. It is assumed for the sake of clarity that the traffic mix is sustained (i.e. steady state); since both the PM3350 and PM3351 implement store-and-forward switching with |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |