Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 149 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 149 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 145Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 146Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 147Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 148Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 149Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 150Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 151Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 152Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 153Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
147
The PCI data transfer rate is therefore:
{2*num_pm3351 * 1 (Mlp) * 1 (Mports) * 1 (Mrfr) * 1 (Mdplx) * 0.125 bits/ns (max
Mpfsz) * 1 (Mdest for unicast)} + {3*num_pm3350 * 1 (Mlp) * 8 (Mports) * 1 (Mrfr)
* 0.5 (Mdplx) * 0.0125 bits/ns (max Mpfsz) * 1 (Mdest for unicast)}
= (0.25 bits/ns + 0.20 bits/ns)
= 450 Mbit/sec
Since this number is less than 500 Mbit/sec the switch configuration will be non-
blocking.
EXAMPLE #2:
Lets examine the maximum sustainable broadcast frame for a 2 port -100 Mb, 24-port
10 Mb switch constructed using two PM3351 and three PM3350 chips assuming:
•
the 100 Mbit ports are full-duplex and the 10 Mbit ports are half-duplex
PCI bus max transfer rate is 500 Mbit/sec
< {2*num_pm3351 * 1 (Mlp) * 1 (Mports) * 1 (Mrfr_max_learn) * 1 (Mdplx) * 0.125
bits/ns (max Mpfsz) * 3 (Mdest since three other chips in the system)} +
{2*num_pm3350 * 1 (Mlp) * 8 (Mports) * 1 (Mrfr_max_learn) * 0.5 (Mdplx) *
0.0125 bits/ns (max Mpfsz) * 3 (Mdest since three other chips in the system)}
< Mrfr_max_learn * {750 Mbit/sec (received on 100 Mbit links) + 300 Mbit/sec
(received on 10 Mbit link)}
Solving for Mrfr_max_learn gives:
Mrfr_max_learn = 500 Mbit/s / (1050 Mbit/s) = 0.47
So the PCI expansion bus has a transfer rate adequate to support up to 47% of the
frames received being “broadcast to all chips in the system” (this could include frames
that are required to be learned).
EXAMPLE #3:
Determine an equation that gives the maximum number of 100 Mbit and 10 Mbit ports
that can be used with the PM3351 and PM3350 devices and still allows for a non-
blocking switch implementation. Given:
•
all destination traffic is unicast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com