Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 152 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 152 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 148Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 149Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 150Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 151Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 152Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 153Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 154Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 155Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 156Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
150
Notes on PCI Configuration Register Bits:
1. Writing values into unused register bits has no effect. However, to ensure
software compatibility with future, feature-enhanced versions of the product,
unused register bits must be written with logic zero. Reading back unused bits
can produce either a logic one or a logic zero; hence unused register bits should
be masked off by software when read.
2. Except where noted, all configuration bits that can be written into can also be
read back. This allows the processor controlling the PM3350 to determine the
programming state of the block.
3. Writable PCI configuration register bits are cleared to logic zero upon reset
unless otherwise noted.
4. Writing into read-only PCI configuration register bit locations does not affect
PM3350 operation unless otherwise noted.
5. Certain register bits are reserved. These bits are associated with megacell
functions that are unused in this application. To ensure that the PM3350
operates as intended, reserved register bits must only be written with their
default values. Similarly, writing to reserved registers should be avoided.
PCI Configuration Registers
PCI configuration registers can only be accessed by the PCI host. For each register
description below, the hexadecimal register number indicates the PCI offset.
Register 0x00: Vendor Identification/Device Identification
Bit
Type
Function
Default
Bit 31 to 16
R
DeviceID[15:0]
0x3351
Bit 15 to 0
R
VendorID[15:0]
0x11F8
VendorID[15:0]:
The VendorID[15:0] bits identifies the manufacturer of the device, and
contains the vendor ID assigned to PMC-Sierra by the PCI SIG.
DeviceID[15:0]:
The DeviceID[15:0] bits define the particular device, and is set to 0x3351
hexadecimal.
The DeviceID of both the PM3350 and the PM3351 are identical: 0x3351. To
distinguish between the two devices, a PCI memory read can be done to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com