| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 154 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 154 Page - PMC-Sierra, Inc |
|
154 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 152 MSen: When the Memory Space Enable (MSen) bit is set to one, the PM3350 will respond to PCI bus memory accesses. Clearing MSen disables memory accesses. Men: When the Master Enable (Men) bit is set to one, the PM3350 can act as an master. Clearing Men disables the PM3350 from generating PCI accesses. SCen: The PM3350 does not decode PCI special cycles. The SCen bit is hardwired to 0. MWIen: The PM3350 does not generate memory-write-and-invalidate commands. The MWIen bit is hardwired to 0. VPs: The PM3350 is not a VGA device. The VPs bit is hardwired to 0. PEen: When the PEen bit is set to one, the PM3350 can report parity errors. Clearing the PEen bit causes the PM3350 to ignore parity errors. Wcyc: The PM3350 does not perform address and data stepping. The Wcyc bit is hardwired to 0. SEen: When the SEen bit is set high, address parity errors result in the assertion of the SERR* output. Clearing the SEen bit disables the SERR* output. SEen and PEen must be set to report an address parity error. FBen: If the fast back-to-back enable (FBen) bit is set, the PM3350 bus master will attempt to do fast back-to-back cycles across the targets. FBCap: The Fast Back-to-Back Capable (FBCap) bit is hardwired to one to indicate the PM3350 supports fast back-to-back transactions with other targets. DPR: The Data Parity Reported (DPR) bit is set high if the PM3350 has monitored or reported a data parity error to one of its transactions as a bus master and the PEen bit is set. The DPR bit is cleared by the PCI Host. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |