Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 154Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 155Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 156Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 157Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 158Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 159Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 160Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 161Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
156
After determining the memory requirements of the PM3350 resources, the
PCI Host can map them to its desired location by modifying the
MemBase[27:20] bits.
The default value depends on the PCIRUN bit value set by the state on the
MDATA[31] pin when RST* is de-asserted. If the PCIRUN bit defaults to a
logic 0, the reset the value of MemBase[27:20] is zero. If the PCIRUN bit
defaults to a logic 1, the reset the value of MemBase[27:20] becomes the
zero extended value of MDATA[25:22] (CHIPID[3:0).
Register 0x30: Expansion ROM Base Address
Bit
Type
Function
Default
Bit 31 to 0
R
XROMBase[31:0]
0x00000000
XROMBase[31:0]:
The PM3350 does not contain an expansion ROM; therefore, this register is
hardwired to zeros.
Register 0x3C: Interrupt Line / Interrupt Pin / MIN_GNT / MAX_LAT
Bit
Type
Function
Default
Bit 31 to 24
R
MAX_LAT[7:0]
0x00
Bit 23 to 16
R
MIN_GNT[7:0]
0x03
Bit 15 to 8
R
INTPIN[7:0]
0x01
Bit 7 to 0
R/W
INTLNE[7:0]
0x00
INTLNE[7:0]:
The Interrupt Line (INTLNE[7:0]) field is used to indicate interrupt line routing
information. The values in this register are system specific and set by the
PCI Host.
INTPIN[7:0]:
The Interrupt Pin (INTPIN[7:0]) field is used to specify the interrupt pin the
PM3350 uses. Because the PM3350 will use INTA* on the PCI bus, the
value in this register is set to one.
MIN_GNT[7:0]:
The Minimum Grant (MIN_GNT[7:0]) field specifies how long of a burst
period the bus master needs. The PM3350 has a minimum grant of 750 ns
(25 cycles). This register always returns 0x03.
MAX_LAT[7:0]:
The Maximum Latency (MAX_LAT[7:0]) field specifies how often a bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com