Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 161 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 161 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 157Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 158Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 159Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 160Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 161Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 162Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 163Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 164Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 165Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
159
PCI Memory Space
The mapping of the device resources to the PCI address space is shown below:
Mnemonic
PCI Offset
Description
0x000000-
0xFEFFFF
Local Memory Space (four banks)
HSTAT
0xFF0000
Host Interface Status register
HCTRL
0xFF0004
Host Interface Control register
MREG_ADDR
0xFF0040
Memory Interface Register Address
MREG_DATA
0xFF0044
Memory Interface Register Data
INSTCSR
0xFF0048
RAM/ROM Instruction Control register
INSTDATA
0xFF004C
RAM/ROM Instruction Data register
DIBCTRL
0xFF0080
Breakpoint/debug control/status register
DPC
0xFF0084
RISC program counter
DEPC
0xFF0088
RISC exception program counter
DVEC
0xFF008C
Vector force address
DIBADDR1
0xFF0090
Instruction breakpoint #1 address
DIBMASK1
0xFF0094
Instruction breakpoint #1 mask
DIBADDR2
0xFF0098
Instruction breakpoint #2 address
DIBMASK2
0xFF009C
Instruction breakpoint #2 mask
0xFF009D-
0xFFFEFF
Unused, reserved
RCOUNT0
0xFFFF00
Channel 0 Request Counter Register
RCOUNT1
0xFFFF04
Channel 1 Request Counter Register
RCOUNT2
0xFFFF08
Channel 2 Request Counter Register
RCOUNT3
0xFFFF0C
Channel 3 Request Counter Register
RCOUNT4
0xFFFF10
Channel 4 Request Counter Register
RCOUNT5
0xFFFF14
Channel 5 Request Counter Register
RCOUNT6
0xFFFF18
Channel 6 Request Counter Register
RCOUNT7
0xFFFF1C
Channel 7 Request Counter Register
ACOUNT0
0xFFFF20
Channel 0 Acknowledge Counter Register
ACOUNT1
0xFFFF24
Channel 1 Acknowledge Counter Register
ACOUNT2
0xFFFF28
Channel 2 Acknowledge Counter Register
ACOUNT3
0xFFFF2C
Channel 3 Acknowledge Counter Register
ACOUNT4
0xFFFF30
Channel 4 Acknowledge Counter Register
ACOUNT5
0xFFFF34
Channel 5 Acknowledge Counter Register
ACOUNT6
0xFFFF38
Channel 6 Acknowledge Counter Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com