Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 157 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 157 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 153Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 154Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 155Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 156Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 157Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 158Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 159Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 160Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 161Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
155
Register 0x10 : Local Memory Base Address Register
Bit
Type
Function
Default
Bit 31 to 24
R/W
MemBase[27:20]
MDATA[25:22]
or 0x00
Bit 23 to 4
R
FixBase[19:0]
0x00000
Bit 3
R
PF
0
Bit 2
R
TYPE[1]
0
Bit 1
R
TYPE[0]
0
Bit 0
R
MSI
0
The PM3350 supports memory mapping only. At boot-up the internal registers
space is mapped to memory space. The device driver can disable memory space
through the PCI Configuration Command register.
MSI:
The Memory Space Indicator (MSI) bit is hardwired to zero to indicate that the
PM3350 resources map into memory space.
TYPE[1:0]:
The TYPE field indicates where the internal registers can be mapped. The
TYPE field is set to 00B to indicate that the internal registers can be mapped
anywhere in the 32 bit address space.
PF:
The Prefetchable (PF) bit is set if there are no side effects on reads and data
is returned on all the lanes regardless of the byte enables. Otherwise the bit
is cleared. The PF bit is hardwired to one to indicate that it is safe to prefetch
data from the PM3350 register/memory resources.
FixBase[19:0]:
The Fixed Base Address (FixBase[19:0]) bits define the size of the memory
space required for the PM3350 resources.
This 20-bit subfield is hardcoded to zero indicating the PM3350
register/memory resources can only be mapped into the PCI address space
on 16-megabyte boundaries.
MemBase[27:20]:
The Memory Base Address (MemBase[27:20]) bits define location of the
memory space required for the PM3350 resources. The MemBase[27:20]
bits correspond to the most significant 8 bits of the PCI address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com