Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 153 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 153 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 149Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 150Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 151Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 152Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 153Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 154Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 155Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 156Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 157Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
151
specified local memory address. Contact PMC-Sierra applications support
for additional information, if required.
Register 0x04: Command/Status
Bit
Type
Function
Default
Bit 31
R/W
DPE
0
Bit 30
R/W
SSE
0
Bit 29
R/W
RMA
0
Bit 28
R/W
RTA
0
Bit 27
R/W
STA
0
Bit 26
R
DVtim[1]
0
Bit 25
R
DVtim[0]
1
Bit 24
R/W
DPR
0
Bit 23
R
FBCap
1
Bit 22 t o 16
R
Reserved
0x00
Bit 15 to 10
R
Reserved
0x00
Bit 9
R/W
FBen
0
Bit 8
R/W
SEen
0
Bit 7
R
Wcyc
0
Bit 6
R/W
PEen
0
Bit 5
R
VPs
0
Bit 4
R
MWIen
0
Bit 3
R
SCen
0
Bit 2
R/W
Men
0
Bit 1
R/W
MSen
0
Bit 0
R
ISen
0
The lower 16 bits of this register make up the Command register which provides
basic control over the PM3350's ability to respond to PCI accesses. When a 0 is
written to all bits in the command register, the PM3350 is logically disconnected
from the PCI bus for all accesses except configuration accesses.
The upper 16-bits are used to record status information for PCI bus related events.
Reads to the status portion of this register behave normally. Writes are slightly
different in that bits can be reset, but not set. A bit is reset whenever the register is
written, and the data in the corresponding bit location is a 1.
ISen:
The I/O Space Enable (ISen) bit is hardwired to zero as the PM3350 does not
implement I/O space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com