Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 151 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 151 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 147Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 148Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 149Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 150Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 151Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 152Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 153Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 154Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 155Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
149
PCI REGISTER/MEMORY ACCESS
The ELAN 8x10 PCI configuration register space, the entire 16 MB local memory
address space, plus a subset of the internal device registers, are visible via the PCI
interface. The device registers and memory may be accessed to configure the device,
monitor status and perform packet buffer transfers.
PCI Configuration Space
The 256 byte PCI configuration register space implemented by the ELAN 8x10 is
organized as 64 32-bit registers. Only 19 of these are currently defined. Sixteen
registers (at byte addresses 0x00 to 0x3F) are used to implement the standard PCI
configuration space header; an additional 3 (at byte addresses 0x40 to 0x48) are used
for bus error monitoring and recovery.
PCI configuration registers can only be accessed when the PCI Interface is a target and
a configuration cycle is in progress as indicated using the IDSEL input. The format of
the PCI configuration register space supported by the ELAN 8x10 is given below:
31
0
Byte Addr.
DeviceID VendorID
0x00
Status
Command
0x04
ClassCode
RevID
0x08
BIST
HeaderType
LatencyTimer
CacheLineSiz
0x0C
LocalMemBase
0x10
Reserved
0x14
.
.
.
.
.
.
Reserved
0x2C
ExpansionROMBaseAddress
0x30
Reserved
0x34
Reserved
0x38
Max_Lat Min_Gnt InterruptPin
InterruptLine
0x3C
0x001B80
Merror
MRd
MaxBurstLen
0x40
CurrMasterRdAddr
0x44
CurrMasterWrAddr
0x48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com