Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 148 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 148 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 144Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 145Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 146Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 147Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 148Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 149Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 150Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 151Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 152Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
146
Mpfsz(100Mb) versus Framesize given 80 byte
PacketBuffers
Framesize (bytes)
0.11
0.112
0.114
0.116
0.118
0.12
0.122
0.124
0.126
0
500
1000
1500
2000
5.
Let Mdest be the number of chips in the system that will need to read the frame
across the PCI expansion bus utilizing the ELAN frame transfer protocol.
For unicast frames, Mdest is simply 1. For broadcast frames this is given by N-1
where N is the total number of switch chips connected to the PCI expansion
bus.
Whether the frame is unicast or broadcast/mulitcast over the PCI expansion bus
is a function of the destination address and whether the source and destination
addresses have been learned.
EXAMPLE #1:
Lets examine the worst-case PCI expansion bus data rate for a 2 port -100 Mb, 32-port
10 Mb switch constructed using two PM3351 and four PM3350 chips assuming:
•
all ports operating at maximum frame rate (Mfr =1)
•
all frames are switched over the PCI bus (Mlp = 1)
•
the 100 Mbit ports are full-duplex and the 10 Mbit ports are half-duplex
•
all of the 10 Mbit traffic will be switched over the PCI expansion bus (i.e. not
switched to local ports on the ELAN-8x10 devices).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com