Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 144 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 144 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 140Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 141Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 142Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 143Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 144Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 145Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 146Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 147Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 148Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
142
Default Byte Ordering
Byte 0
01243567
Byte 1
01243567
Byte 2
01243567
Byte 3
01243567
Byte 4
01243567
Byte 4
76543210
Byte 3
Byte 2
Byte 1
Byte 0
76543210
76543210
76543210
76543210
Byte 7
Byte 6
Byte 5
76543210
76543210
76543210
increasing
time
increasing
time
Ethernet/802.3 Frame
PCI Bus DWords
NextPointer
Size
AD31
AD0
Unused
Count
. . .
To permit interfacing of non-ELAN 8x10 devices via the PCI bus, this byte ordering
scheme may be selectively modified using the MWBE, MRBE, SWBE, SRBE and
EPBE byte swap enable bits in the host control register. The MWBE and MRBE bits
control the PCI bus master, and cause all data (payload and header information for
packet buffers, as well as data descriptor contents) to be statically byte-swapped prior
to writing them to or reading them from a PCI bus slave (i.e., as a result of DMA
Controller transfers). Similarly, the SWBE and SRBE bits force the PCI bus slave logic
in the ELAN 8x10 to swap data words written to and read from internal registers and
memory by an external master. Finally, the EPBE bit, if set, disables the big-endian to
little-endian conversion performed on the Ethernet frame information by the MAC
interfaces, without affecting the byte ordering of the rest of the data structures or the
packet buffer headers.
When the EPBE bit is set, the alternate byte ordering scheme used is shown in the
figure below (assuming that the MWBE, MRBE, SWBE and SRBE bits retain their
default values):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com