| Electronic Components Datasheet Search |
|
PM3350-SW Datasheet(PDF) 141 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3350-SW Datasheet(HTML) 141 Page - PMC-Sierra, Inc |
|
141 / 224 page ![]() ELAN 8X10 PM3350 ELAN 8 X10 DATA SHEET PMC-970109 ISSUE 3 8 PORT ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY 139 descriptor counter structure for that MAC channel. The per-port statistics maintained in the port descriptor counter structures may be retrieved at any time by direct accesses to these structures via the PCI bus interface; however, the statistics in the port descriptors themselves are cached by the Switch Processor, and hence can only be retrieved via the message interface. The ELAN 8x10 device also maintains counters on a per-MAC-address (or per-host) basis, with a separate set of counters being maintained for each MAC address that has been learned by the system. These counters are held in the hash bucket associated with the learned MAC address. (Note that forwarding tags do not contain any counters; hence only one set of counters will be maintained for each MAC address in a multi- device system, rendering retrieval of the per-host statistics relatively straightforward.) These counters are described in the following table: Per-host Counters Name Description RXHUcstFrames Valid unicast frames received from this host RXHBcstFrames Valid broadcast frames received from this host RXHMcstFrames Valid multicast frames received from this host RXHFloodFrames Valid frames received from this host and then flooded RXHErrorFrames Errored frames received from this host RXHOctets Octets received from this host, valid or invalid TXHFrames Valid unicast frames transmitted to this host TXHOctets Valid unicast octets transmitted to this host LastRX (AgeControl) Time at which frame was last received from this host CreateTime Creation time of hash bucket The per-host statistics may be retrieved at any time via direct accesses to the hash buckets in the address table through the PCI bus interface, or using the message interface. NOTES pertaining to statistics collection: • the maximum number of octets that can be counted for any received frame (whether erred or received without error) is decimal 65,535 (which is 0xffff). This limits the number of bytes that will be counted if receiving a long or jabber frame and maintained as variable “RXErrorOctets” in the above table. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |