Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 143 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 143 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 139Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 140Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 141Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 142Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 143Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 144Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 145Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 146Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 147Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
141
Byte Ordering
The ELAN 8x10 internally uses a little-endian byte ordering scheme to store frames
and data structures in local memory, and to transfer frames and communication
messages across the little-endian PCI bus. In this scheme, the least significant bit of
any 32-bit data word appears on the least-significant bit of the memory and PCI data
buses, and is also placed within the least-significant byte address in memory. If less
than four bytes are being transferred over a data bus, they are right-aligned on the bus,
and placed in the memory in increasing address order.
The Ethernet standard, however, specifies a big-endian byte ordering scheme, which
is the reverse of the ordering used by the ELAN 8x10 device. To properly align the
various fields within a received Ethernet frame for handling by the Switch Processor,
therefore, the ELAN 8x10 performs a big-endian to little-endian conversion in the MAC
interface block during receive, and a little-endian to big-endian conversion during
transmit.
The following diagram illustrates the default mapping between an Ethernet frame and
packet buffers transmitted across the PCI bus or stored in local memory:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com