Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 147 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 147 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 143Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 144Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 145Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 146Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 147Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 148Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 149Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 150Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 151Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
145
3.
Let Mdplx represent a per-port multiplier that is 0.5 for half duplex operation and
1.0 for full duplex operation.
4.
Let Mpfsz represent a multiplier that represents the Elan Frame Transfer
Protocol overhead with respect to the time it took for the frame to be sent on the
link media (assuming a standard interframe gap of 96 bit times and nominal
preamble length of 64 bits).
Mpfsz is a function of:
•
the link rate (Mpfsz is directly proportional to the link media rate).
•
the Ethernet framesize
•
the size of the PacketBuffer structure being used on the chip (default size is 80
bytes).
Calculation of Mpfsz for a 64 bytes frame for a 100Mbit link:
link time = 96*10 (ifg) + 64*10 (preamble) + 64*8*10 (data) = 6720 ns
Bits required to have frame read across the PCI bus by one chip:
Data Descriptor = 16 bytes
1 Request counter increment + 1 Acknowledge counter increment = 8 bytes
1 PacketBuffer = 80 bytes
So Mpfsz is (104 bytes * 8 bits/bytes) / 6720 ns = 0.124 bits/ns.
Example 4.2:
Calculation for a 64 bytes frame for a 10Mbit link:
This is simply 1/10 of the Mpfsz for the 100 Mbit example, or 0.0124 bits/ns
A graph of Mpfsz versus framesize is given is shown below. As can be seen from this
figure, the worst case values of Mplfsz is approximately 0.125 bits/ns for 100 Mbit
media (PM3351) and 0.0125 for 10 Mbit media (PM3350).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com