Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 163 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 163 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 159Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 160Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 161Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 162Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 163Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 164Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 165Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 166Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 167Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
161
Register 0x00FF0004: Host Interface Control
Bit
Type
Function
Default
Bit 31 to 16
Unused
X
Bit 15
R/W
GRES
0
Bit 14
R/W
MWBE
0
Bit 13
R/W
MRBE
0
Bit 12
R/W
SWBE
0
Bit 11
R/W
SRBE
0
Bit 10
R/W
EPBE
0
Bit 9
R/W
RAMDIS
0
Bit 8
R/W
ROMDIS
0
Bit 7
R/W
RHALT
MDATA[30]1
Bit 6
R/W
Reserved
0
Bit 5
R/W
RINTMSK
0
Bit 4
R/W
EXTMSK
0
Bit 3
R/W
RHALTMSK
0
Bit 2
R/W
BKPTMSK
0
Bit 1
R/W
MERRMSK
0
Bit 0
R/W
MPERRMSK
0
GRES:
General device reset
MWBE:
PCI Master write byteswap enable
MRBE:
PCI Master read byteswap enable
SWBE:
PCI Target (Slave) write byteswap enable
SRBE:
PCI Target (Slave) read byteswap enable
EPBE:
Ethernet payload byteswap enable
1The default value is the negation of the logical value on the specified pin when RST* is de-asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com