Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 162 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 162 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 158Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 159Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 160Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 161Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 162Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 163Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 164Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 165Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 166Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
160
ACOUNT7
0xFFFF3C
Channel 7 Acknowledge Counter Register
Local Memory Access
The external local memory is completely visible to the PCI interface. Direct memory
access is provided to allow reads and writes to frame data, switching data structures,
and configuration information. Note that the uppermost 64 Kbytes of the local memory
space is not visible, as it is used for access to internal device registers.
Device Control/Status Registers
Register 0x00FF0000: Host Interface Status
Bit
Type
Function
Default
Bit 31 to 12
Unused
X
Bit 11 to 7
R
HSTATE[4:0]
0
Bit 6
R
Unused
0
Bit 5
R
RINT
0
Bit 4
R
EXTI
0
Bit 3
R
RHALT
0
Bit 2
R
BKPT
0
Bit 1
R
MERR
0
Bit 0
R
MPERR
0
HSTATE:
Internal host interface state: for factory test purposes only
RINT:
Flags assertion of interrupt to host from Switch Processor
EXTI:
Signals assertion of external interrupt input (MINTR_ pin)
RHALT:
Switch Processor halt status
BKPT:
Switch Processor breakpoint status
MERR:
PCI bus master catastrophic error status
MPERR:
PCI bus master parity error detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com