Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 165 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 165 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 161Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 162Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 163Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 164Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 165Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 166Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 167Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 168Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 169Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
163
MREG_ADDR[3:0]
Register accessed
Description
0x0
MCONFIG
Memory configuration register
0x1
DCONFIG
Device configuration register
0x2
SMR
SDRAM mode register (reserved)
0x3
Reserved
0x4
Reserved
0x5
MEMCTRL
Memory control/status
0x6
MSTART_l
Memory statistics collection start
0x7
MSTART_h
0x8
MSTOP_l
Memory statistics collection stop
0x9
MSTOP_h
0xA
MCCNT_l
Memory cycle count
0xB
MCCNT_h
0xC
MWCNT_l
Memory write count
0xD
MWCNT_h
0xE
MRCNT_l
Memory read count
0xF
MRCNT_h
MREG_ADDR[31:4] bits are unimplemented so must be written with zero and ignored
on reads.
Locations 0x5 through 0xF are for diagnostic purposes only.
By way of example, the following the sequence of operations are required to first read
the DCONFIG register and then write the MCONFIG register in the memory interface:
• PCI write MREG_ADDR to 0x1
expansion address for DCONFIG
• PCI read MREG_DATA
read DCONFIG register
• PCI write MREG_ADDR to 0x0
expansion address for MCONFIG
• PCI write MREG_DATA to val[15:0]
MCONFIG register written as val[15:0]
Note that the SMR, MEMCTRL, MSTART, MSTOP, MWCNT and MRCNT registers are
all reserved for factory testing, and must not be accessed during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com