Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 169 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 169 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 165Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 166Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 167Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 168Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 169Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 170Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 171Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 172Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 173Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
167
Register 0x00FF004C: RAM/ROM instruction Data
This register is reserved for factory test purposes, and should not be modified during
normal operation.
Device Debug Registers
Registers 0x00FF0080 - 0x00FF009C: Debug Control
These registers are used to perform debug of Switch Processor operating code via the
PCI bus interface. They are reserved for factory test purposes, and should not be
modified during normal operation.
Debug control/status register (DIBCTRL):
bit 31
= vector force recognized
bits 30:9
= unused, reserved
bit 8
= vector force enable
bit 7
= instruction cache flush
bit 6
= data cache flush
bit 5
= RISC exception disable
bits 4:3
= unused, reserved
bit 2
= RISC breakpoint halt enable
bit 1
= breakpoint #2 enable
bit 0
= breakpoint #1 enable
Request and Acknowledge Counter Registers
Registers 0x00FFFF00 - 0x00FFFF1C: Request Counters
These counters are used for requests from a source device to a destination device
across the PCI bus. A write (of any arbitrary data) to one of these 32-bit locations
increments the corresponding request counter by one.
Registers 0x00FFFF20 - 0x00FFFF3C: Acknowledge Counters
These counters are used for acknowledges from a destination device to a source
device across the PCI bus. A write (of any arbitrary data) to one of these 32-bit
locations increments the corresponding acknowledge counter by one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com