Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 171 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 171 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 167Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 168Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 169Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 170Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 171Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 172Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 173Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 174Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 175Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
169
Mnemonic
Address
Register
MP0L
0x00
Memory Pointer #0 (Low)
MP0H
0x01
Memory Pointer #0 (High)
MP1L
0x02
Memory Pointer #1 (Low)
MP1H
0x03
Memory Pointer #1 (High)
MP2L
0x04
Memory Pointer #2 (Low)
MP2H
0x05
Memory Pointer #2 (High)
MP3L
0x06
Memory Pointer #3 (Low)
MP3H
0x07
Memory Pointer #3 (High)
MP4L
0x08
Memory Pointer #4 (Low)
MP4H
0x09
Memory Pointer #4 (High)
MP5L
0x0A
Memory Pointer #5 (Low)
MP5H
0x0B
Memory Pointer #5 (High)
MP6L
0x0C
Memory Pointer #6 (Low)
MP6H
0x0D
Memory Pointer #6 (High)
LNRL
0x0E
Link Register (Low)
LNRH
0x0F
Link Register (High)
ESCL
0x10
Exception Status/Control Register (Low)
ESCH
0x11
Exception Status/Control Register (High)
EPCL
0x12
Exception Program Counter (Low)
EPCH
0x13
Exception Program Counter (High)
EMASK
0x14
Exception Mask Register
OFFSET
0x15
Data Segment Offset Register
OUTCBL
0x16
Microcode Output Control Bits Register (Low)
OUTCBH
0x17
Microcode Output Control Bits Register (High)
CLOCKL
0x18
Real-Time Clock Counter Register (Low)
CLOCKH
0x19
Real-Time Clock Counter Register (High)
ALARM1L
0x1A
Clock Alarm #1 (Low)
ALARM1H
0x1B
Clock Alarm #1 (High)
ALARM2L
0x1C
Clock Alarm #2 (Low)
ALARM2H
0x1D
Clock Alarm #2 (High)
PCR
0x1E
Processor Control Register
INCB
0x1F
Microcode Input Control Bits Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com