Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 170 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 170 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 166Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 167Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 168Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 169Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 170Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 171Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 172Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 173Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 174Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
168
PROGRAMMER'S MODEL
This section contains information pertinent to RISC firmware designers.
Local Memory Map
The ELAN 8x10 creates and uses data structures stored in an external local memory
that is organized as a contiguous 16MB address space. Memory addresses are 24 bits
in width, and reference 8-bit bytes in little-endian form, i.e. the least-significant byte is
located at the lowest byte offset within a 32-bit word or 16-bit halfword.
Register Map
General-Purpose Registers
There are sixteen 16-bit general registers,
gr0 through gr15. They are used for all
arithmetic operations, memory load and store operations, and branch condition tests,
and are accessed via CPU instructions.
All general registers are identical; they are all readable and writable by software.
An alternate bank of registers is switched in to replace the current set of general
registers when the REGSW instruction is executed or an exception is taken. The
alternate registers are accessed with the same indices as the normal register set.
Special-Purpose Registers
The special-purpose registers implement memory pointers, hold subroutine return
addresses, contain exception control and status information, support the microcode
instructions, and implement the real-time clock and alarms.
The contents of any special-purpose register may be accessed or modified by the
MOVE and LDI instructions.
The memory pointers (MP0-MP6) are replaced by an alternate bank of registers when
the REGSW instruction is executed or an exception is taken. The alternate registers
are accessed in the same way and by the same instructions as the main register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com