Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 167 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 167 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 163Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 164Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 165Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 166Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 167Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 168Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 169Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 170Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 171Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
165
110
60ns EDO DRAM
111
Reserved
MTYPE2[2:0]:
Indicates the memory type associated with MCS[2]*. The encoding is the
same as MTYPE3[2:0].
MTYPE1[2:0]:
Indicates the memory type associated with MCS[1]*. The encoding is the
same as MTYPE3[2:0].
MTYPE0[2:0]:
Indicates the memory type associated with MCS[0]*. The encoding is the
same as MTYPE3[2:0].
Note 1: The default value is the logical value on the specified pin when RST* is de-
asserted.
DCONFIG (Device Configuration register)
Bit
Type
Function
Default
Bit 31 to 16
Unused
X
Bit 15
R/W
PCIRUN
MDATA[31]1
Bit 14
R/W
RISCRUN
MDATA[30]1
Bit 13
R/W
RSTTM
MDATA[29]1
Bit 12
R/W
IMDIS
MDATA[28]1
Bit 11
R/W
PCI3V
MDATA[27]1
Bit 10
R/W
FIRM
MDATA[26]1
Bit 9 to 6
R/W
CHIPID[3:0]
MDATA[25:22]1
Bit 5 to 0
R/W
RTCDIV[5:0]
MDATA[21:16]1
PCIRUN:
This bit selects the operating mode of the PCI interface.
If logic 1:
• the on-chip PCI interface will latch its slave base address from the
CHIPID bits of the DCONFIG register.
• the PCI COMMAND register bits for "Bus Master" and "Memory Space"
are set to logic 1, thereby allowing the device to respond to PCI memory
space accesses and to be a bus master.
If logic 0:
• the on-chip PCI interface will has a slave base address of 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com