Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 135 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 135 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 131Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 132Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 133Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 134Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 135Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 136Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 137Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 138Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 139Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
133
instead, the Switch Processor firmware will simply cease to transfer frames from the
corresponding remote device across the PCI bus. The effect is that external devices
that attempt to consume too much of the ELAN 8x10 device's local memory will be
forced to stop, and instead accumulate frames in their own local storage. This imposes
fairness between devices.
If the BackPEn bit is set in the PortFlags field of a local port descriptor, and a high
traffic condition causes its MaxBuffers field to become less than or equal to zero, then
backpressure flow control will be started for that port. In this case, the Switch Processor
firmware will enable the MAC channel to begin jamming the medium by continuously
transmitting a bit pattern. The bit pattern is interrupted periodically to prevent
downstream jabber timers from locking out the ELAN 8x10 MAC interface; a standard
interframe gap is inserted at these times, after which the jamming will begin again. If a
collision is encountered during a backpressure jam, the MAC channel logic on the
ELAN 8x10 will perform the normal collision jam process, insert a normal interframe
gap, and then restart the jam (i.e., no backoff will be performed). The backpressure jam
will be maintained until the Switch Processor detects that the MaxBuffers field has risen
above a programmable threshold, at which time the Switch Processor firmware will shut
off the jam and resume normal operation on that channel. Note that if a normal transmit
frame is queued for transmission out a jamming ELAN 8x10 port, then the jamming will
temporarily cease, the frame will be transmitted (after waiting an interframe gap), and
the jamming will restart (again, after a standard interframe gap).
Note that the MaxBuffers variables in the local and expansion port descriptors are
maintained by the Switch Processor firmware in cached data space, and thus cannot be
updated by direct access over the PCI bus interface. Instead, the messaging interface
must be used to modify these variables during system operation, if desired. This
function is TBD.
Broadcast Frame Limit
Broadcast and multicast frames consume a considerable amount of memory resources
of an ELAN 8x10 system for a potentially long time. If, for example, a port is receiving a
high rate of broadcasts, then the broadcast frames (which must be sent out over all the
other ports in the system) may have to be buffered for a long time, and will also require
a large number of data descriptors in order to occupy all of the local port transmit and
expansion port transfer queues in the system. A programmable broadcast frame limit is
therefore provided to permit the system implementer to exercise some control over the
amount of system resources that may be consumed by broadcast and multicast traffic.
The broadcast/multicast frame limit is implemented by the Switch Processor firmware
using a single global MaxBcstFrames variable in the cached data space. This variable
is set up initially to the maximum number of broadcast frames permitted to be buffered
by the ELAN 8x10 device. Whenever a newly received broadcast or multicast frame is
detected by the switching code executed by the Switch Processor, the MaxBcstFrames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com