Electronic Components Datasheet Search
  English  ▼

X  

PM3350-SW Datasheet(PDF) 133 Page - PMC-Sierra, Inc

Part # PM3350-SW
Description  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW Datasheet(HTML) 133 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 129Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 130Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 131Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 132Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 133Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 134Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 135Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 136Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 137Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
131
The NextDD field is set up properly when the message descriptor is queued. The Flags
field is formatted as shown below:
76543210
01000100
The encoding of the Flags field indicates that this is a message descriptor that is
notifying the recipient of the need to delete the forwarding tag corresponding to an
aged-out hash bucket.
The HashIndex and HashBktAddr fields are expected to be used by the recipient in
locating the forwarding tag that must be removed. The HashIndex field is simply the
index of the hash pointer array at which the hash bucket itself is located, which will be
identical to the index at which the forwarding tag will be located in the remote device.
The HashBktAddr value is the 24-bit address of the hash bucket being deleted, and will
be compared to the corresponding field in the forwarding tag to ensure that the correct
forwarding tag will be removed.
The notification messages described above are treated as standard data descriptors
and transferred to the remote device by the owner of the hash bucket using the normal
PCI expansion port transfer protocol (with the exception that no packet buffers are
transferred, as the FirstPB pointers in the message descriptors are NULL). Upon receipt
of a notification message, a remote device (ELAN 8x10 or other) must access its own
address table, locate the proper forwarding tag using the data specified in the message,
and remove and de-allocate the forwarding tag.
Buffer and Queue Management
The Switch Processor implements all of the buffer and queue management in an ELAN
8x10 device, using mechanisms implemented as firmware routines. Buffer management
is carried out by means of a collection of per-port buffer allocation limits, plus the global
broadcast frame limit that prevents excessive use of system resources by high levels of
broadcasts. Queue management (on the transmit queues) is performed via a
background task that periodically monitors the different transmit queues and handles
housekeeping tasks as required. In addition, broadcast rate limiting is implemented to
avoid system overload during broadcast storms or other malfunctions.
All of the parameters associated with the buffer and queue management functions
implemented by the ELAN 8x10 device are configurable by means of system variables.
These variables may be set statically to default values at boot time, or altered during
normal system operation as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com