Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 14Page - Integrated Device Technology STAC9752 Datasheet HTML 15Page - Integrated Device Technology STAC9752 Datasheet HTML 16Page - Integrated Device Technology STAC9752 Datasheet HTML 17Page - Integrated Device Technology STAC9752 Datasheet HTML 18Page - Integrated Device Technology STAC9752 Datasheet HTML 19Page - Integrated Device Technology STAC9752 Datasheet HTML 20Page - Integrated Device Technology STAC9752 Datasheet HTML 21Page - Integrated Device Technology STAC9752 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
18
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
2.2.5.
Data Setup and Hold
(50 pF external load)
Figure 5. Data Setup and Hold Timing
2.2.6.
Signal Rise and Fall Times
(BIT_CLK: 75 pF external load; from 10% to 90% of Vdd)
(SDATA_IN: 60 pF external load; from 10% to 90% of Vdd)
Figure 6. Signal Rise and Fall Times Timing
Table 2. Common Clocks and Sources
Clock Source
Clock Frequency
XTAL
24.576 MHz
BIT_CLK
12.288 MHz
VGA
14.31818 MHz
Digital Video
27 MHz
USB
48 MHz
Parameter
Symbol
Min
Typ
Max
Units
Setup to falling edge of BIT_CLK
Tsetup
10
-
-
ns
Hold from falling edge of BIT_CLK
Thold
10
-
-
ns
Output Valid Data from rising edge of BIT_CLK
tco
-
-
15
ns
Note:
Setup and hold time parameters for SDATA_IN are with respect to the AC'97 controller.
Parameter
Symbol
Min
Typ
Max
Units
BIT_CLK rise time
Triseclk
-
-
6
ns
BIT_CLK fall time
Tfallclk
-
-
6
ns
SDATA_IN rise time
Trisedin
-
-
6
ns
SDATA_IN fall time
Tfalldin
-
-
6
ns
BIT_CLK
T
hold
T
setup
SDATA_OUT
SDATA_IN
SYNC
tco
V
ih
V
il
V
oh
V
ol
BIT_CLK
SDATA_IN
Tfallclk
Triseclk
Trisedin
Tfalldin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com