Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 54 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 54 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 50Page - Integrated Device Technology STAC9752 Datasheet HTML 51Page - Integrated Device Technology STAC9752 Datasheet HTML 52Page - Integrated Device Technology STAC9752 Datasheet HTML 53Page - Integrated Device Technology STAC9752 Datasheet HTML 54Page - Integrated Device Technology STAC9752 Datasheet HTML 55Page - Integrated Device Technology STAC9752 Datasheet HTML 56Page - Integrated Device Technology STAC9752 Datasheet HTML 57Page - Integrated Device Technology STAC9752 Datasheet HTML 58Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
54
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.1.11.
Aux Volume (Index 16h)
Default: 8808h.
8.1.12.
PCMOut Volume (Index 18h)
Default: 8808h.
D15
D14
D13
D12
D11
D10
D9
D8
Mute
RESERVED
GL4
GL3
GL2
GL1
GR0
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GR4
GR3
GR2
GR1
GR0
Bit(s)
Reset Value
Name
Description
15
1
Mute
0 = No mute
1 = Mute AUX
14:13
0
RESERVED
Bit not used, should read back 0
12:8
0
GL<4:0>
Left Aux Volume Control
00000 = 12dB gain
00001 = 10.5dB gain
.....
01000 = 0dB gain
.....
11111 = -34.5dB gain
7:5
0
RESERVED
Bit not used, should read back 0
4:0
0
GR<4:0>
Right Aux Volume Control
00000 = 12dB gain
00001 = 10.5dB gain
.....
01000 = 0dB gain
.....
11111 = -34.5dB gain
D15
D14
D13
D12
D11
D10
D9
D8
Mute
RESERVED
GL4
GL3
GL2
GL1
GR0
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GR4
GR3
GR2
GR1
GR0
Bit(s)
Reset Value
Name
Description
15
1
Mute
0 = No mute
1 = Mute PCM OUT
14:13
0
RESERVED
Bit not used, should read back 0
12:8
0
GL<4:0>
Left PCM Volume Control
00000 = 12dB gain
00001 = 10.5dB gain
.....
01000 = 0dB gain
.....
11111 = -34.5dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com