Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 43 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 43 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 39Page - Integrated Device Technology STAC9752 Datasheet HTML 40Page - Integrated Device Technology STAC9752 Datasheet HTML 41Page - Integrated Device Technology STAC9752 Datasheet HTML 42Page - Integrated Device Technology STAC9752 Datasheet HTML 43Page - Integrated Device Technology STAC9752 Datasheet HTML 44Page - Integrated Device Technology STAC9752 Datasheet HTML 45Page - Integrated Device Technology STAC9752 Datasheet HTML 46Page - Integrated Device Technology STAC9752 Datasheet HTML 47Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
43
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
6. STAC9752/9753 MIXER
The STAC9752/9753 includes an analog mixer for maximum flexibility. The analog mixer is designed
to the AC'97 specification to manage the playback and record of all digital and analog audio sources
in the PC environment. The analog mixer also includes several extensions of the AC’97 specification
to support “all analog record” capability as well as “POP BYPASS” mode for all digital playback. The
analog sources include:
•
System Audio: digital PCM input and output for business, games & multimedia
•
CD/DVD: analog CD/DVD-ROM audio with internal connections to CODEC mixer
•
Mono microphone: choice of desktop microphone, with programmable boost and gain
•
Speakerphone: use of system microphone and speakers for telephone, DSVD, and video con-
ferencing
•
Video: TV tuner or video capture card with internal connections to CODEC mixer
•
AUX/synth: analog FM or wavetable synthesizer, or other internal source
•
Line in: external analog line level source from consumer audio, video camera, etc.
Source
Function
Connection
PC_BEEP
PC BEEP pass through to LINE_OUT
from PC_BEEP output
PHONE
MONO input
from telephony subsystem
MIC1
desktop microphone
from microphone jack
MIC2
second microphone
from second microphone jack
LINE_IN
external audio source
from line-in jack
CD
audio from CD-ROM
cable from CD-ROM
VIDEO
audio from TV tuner or video camera
cable from TV or VidCap card
AUX
upgrade synth or other external source
internal connector
PCM_OUT
digital audio output from AC'97 Controller
AC-Link
Destination
Function
Connection
HP_OUT
stereo mix of all sources
To headphone out jack
LINE_OUT
stereo mix of all sources
To output jack
MONO_OUT
microphone or MONO Analog mixer output
to telephony subsystem
PCM_IN
digital data from the CODEC to the AC'97 Controller
AC-Link
SPDIF
SPDIF digital audio output
To SPDIF output connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com