Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 31 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 27Page - Integrated Device Technology STAC9752 Datasheet HTML 28Page - Integrated Device Technology STAC9752 Datasheet HTML 29Page - Integrated Device Technology STAC9752 Datasheet HTML 30Page - Integrated Device Technology STAC9752 Datasheet HTML 31Page - Integrated Device Technology STAC9752 Datasheet HTML 32Page - Integrated Device Technology STAC9752 Datasheet HTML 33Page - Integrated Device Technology STAC9752 Datasheet HTML 34Page - Integrated Device Technology STAC9752 Datasheet HTML 35Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
31
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
valid and non-valid slots? Each possible method brings with it different FIFO requirements. To
achieve interoperability between AC‘97 Digital Controllers and CODECs designed by different man-
ufacturers, it is necessary to standardize the scheme for at least one side of the AC-Link so that the
FIFO requirements will be common to all designs. The CODEC side of the AC-Link is the focus of
this standardization.
The new standard approach calls for the addition of “on demand” slot request flags. These flags are
passed from the CODEC to the AC‘97 Digital Controller during every audio input frame. Each time
the AC‘97 Digital Controller sees one or more of the newly-defined slot request flags set active (low)
in a given audio input frame, it knows that it must pass along the next PCM sample for the corre-
sponding slot(s) in the AC-Link output frame that immediately follows.
The VRA (Variable Rate Audio) bit in the Extended Audio Status and Control Register must be set to
1 to enable variable sample rate audio operation. Setting the VRA = 1 has two functions:
1.
Enables PCM DAC/ADC conversions at variable sample rates by write enabling Sample Rate
Registers 2Ch through 34h.
2.
Enables the on demand CODEC-to-Controller signaling protocol using SLOTREQ bits that
becomes necessary when a DAC’s sample rate varies from the 48 KHz AC-Link serial frame
rate.
The table below summarizes the behavior:
Note: If more than one CODEC is being used with the SAME controller DMA engine, VRA should NOT be
used.
For variable sample rate output, the CODEC examines its sample rate control registers, the state of
its FIFOs, and the incoming SDATA_OUT tag bits at the beginning of each AC-Link output frame to
determine which SLOTREQ bits to set active (low). SLOTREQ bits asserted during the current
AC-Link input frame signal which active output slots require data from the AC‘97 Digital Controller in
the next audio output frame. An active output slot is defined as any slot supported by the CODEC
that is not in a power-down state. For fixed 48KHz operation the SLOTREQ bits are always set
active (low) and a sample is transferred in each frame.
For variable sample rate input, the tag bit for each input slot indicates whether valid data is present
or not. Thus, even in variable sample rate mode, the CODEC is always the master: for SDATA_IN
(CODEC to Controller), the CODEC sets the TAG bit; for SDATA_OUT (Controller to CODEC), the
CODEC sets the SLOTREQ bit and then checks for the TAG bit in the next frame.
The VRM (Variable Rate Microphone Audio) bit in the Extended Audio Status and Control Register
controls the optional MIC ADC input behavior in the same way that VRA = 1 controls the PCM ADC.
5.2.2.1.
SLOTREQ Behavior and Power Management
SLOTREQ bits for fixed rate, powered down, and all unsupported Slots should be driven low (zero)
for maximum compatibility with the original AC'97 Component Specification. When a DAC channel is
powered down, it disappears completely from the serial frame: output tag and slot are ignored, and
the SLOTREQ bit is absent (forced to zero).
When the Controller wants to power-down a channel, all it needs to do is:
Table 6. VRA Behavior
AC‘97 Functionality
VRA = 0
VRA = 1
SLOTREQ bits
always 0 (data each frame)
0 or 1 (data on demand)
sample rate registers
forced to 48KHz
writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com