Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 44 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 44 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 40Page - Integrated Device Technology STAC9752 Datasheet HTML 41Page - Integrated Device Technology STAC9752 Datasheet HTML 42Page - Integrated Device Technology STAC9752 Datasheet HTML 43Page - Integrated Device Technology STAC9752 Datasheet HTML 44Page - Integrated Device Technology STAC9752 Datasheet HTML 45Page - Integrated Device Technology STAC9752 Datasheet HTML 46Page - Integrated Device Technology STAC9752 Datasheet HTML 47Page - Integrated Device Technology STAC9752 Datasheet HTML 48Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
44
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
7. MIXER FUNCTIONAL DIAGRAMS
Figure 20. STAC9752 2-Channel Mixer Functional Diagram
Figure 21. STAC9753 2-Channel Mixer Functional Diagram
Σ
0Ah
0Ch
0Eh
10h
12h
16h
14h
PC_BEEP
Phone
CD
AUX
VIDEO
LINEIN
MIC1
MIC2
20h:D8
10, 20 or
30 dB
Σ
AllAnalog
vs
AllRecord
6Eh:D12
-6dB
Σ
MUX
ADC
04h
Mono
Volume
Master
Volume
3D
LINE_OUT
3D
HP_OUT
02h
06h
Σ
1Ch
20h:D15
Analog
Audio
Sources
Slot
Select
Slot
Select
PCM to
SPDIF
SPDIF
PCMOut
2Ah:D5-D4
28h: D5-D4
PCMIn
20h:D13
22h:D2-D3
1Ah
-6dB
MonoAnalog
StereoAnalog
Digital
KEY
20h:D9
ADCRecord
vol
mute
vol
mute
vol
mute
vol
mute
vol
mute
vol
mute
vol
mute
vol
mute
DAC
Record
Volume
6Ah:D1
18h
Headphone
Volume
MONO_OUT
0Eh:D6 & 6E:D2
Slot
Select
Digital
PCBeep
38h:D5-D4
20h:D13
22h:D2-D3
Σ
0Ah
0Ch
0Eh
10h
12h
16h
14h
PC_BEEP
Phone
CD
AUX
VIDEO
LINEIN
MIC1
MIC2
20h:D8
10, 20 or
30 dB
Σ
AllAnalog
vs
AllRecord
6Eh:D12
-6dB
Σ
MUX
ADC
04h
Mono
Volume
Master
Volume
3D
LINE_OUT
3D
HP_OUT
02h
06h
Σ
1Ch
20h:D15
Analog
Audio
Sources
Slot
Select
Slot
Select
PCM to
SPDIF
SPDIF
PCMOut
2Ah:D5-D4
28h: D5-D4
PCMIn
20h:D13
22h:D2-D3
1Ah
-6dB
MonoAnalog
StereoAnalog
Digital
KEY
20h:D9
ADCRecord
vol
mute
vol
mute
vol
mute
vol
mute
vol
mute
vol
mute
vol
mute
vol
mute
DAC
Record
Volume
6Ah:D1
18h
Headphone
Volume
MONO_OUT
0Eh:D6 & 6E:D2
Slot
Select
Digital
PCBeep
38h:D5-D4
20h:D13
22h:D2-D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com