Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 56 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 56 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 52Page - Integrated Device Technology STAC9752 Datasheet HTML 53Page - Integrated Device Technology STAC9752 Datasheet HTML 54Page - Integrated Device Technology STAC9752 Datasheet HTML 55Page - Integrated Device Technology STAC9752 Datasheet HTML 56Page - Integrated Device Technology STAC9752 Datasheet HTML 57Page - Integrated Device Technology STAC9752 Datasheet HTML 58Page - Integrated Device Technology STAC9752 Datasheet HTML 59Page - Integrated Device Technology STAC9752 Datasheet HTML 60Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
56
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.1.15.
General Purpose (20h)
Default: 0000h
8.1.16.
3D Control (22h)
Default: 0000h
11:8
0
GL<3:0>
Left Channel Volume Control
0000 = 0dB gain
0001 = 1.5dB gain
....
1111 = 22.5dB gain
7:4
0
RESERVED
Bits not used, should read back 0
3:0
0
GR<3:0>
Right Channel Volume Control
0000 = 0dB gain
0001 = 1.5dB gain
....
1111 = 22.5dB gain
D15
D14
D13
D12
D11
D10
D9
D8
POP BYP
RESERVED
3D
RESERVED
MIX
MS
D7
D6
D5
D4
D3
D2
D1
D0
LOOPBACK
RESERVED
Bit(s)
Reset
Value
Name
Description
15
0
POP BYPASS
0 = Normal
1 = DAC bypasses mixer and connects directly to Line Out, Headphone
Out and Mono Out.
14
0
RESERVED
Bit not used, should read back 0
13
0
3D
0 = 3D EFFECT disabled
1 = 3D EFFECT enabled
12:10
0
RESERVED
Bits not used, should read back 0
9
0
MIX
Mono Output select (0 = Mix, 1 = Microphone)
8
0
MS
Microphone select (0 = Microphone1, 1 = Microphone2)
7
0
LOOPBACK
1 = Enables ADC to DAC Loopback Test
0 = Loopback Disabled
Do not send in conflicting data on AC-Link while running this.
6:0
0
RESERVED
Bits not used, should read back 0
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
DP3
DP2
RESERVED
Bit(s)
Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com