Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 93 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 93 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 87Page - Integrated Device Technology STAC9752 Datasheet HTML 88Page - Integrated Device Technology STAC9752 Datasheet HTML 89Page - Integrated Device Technology STAC9752 Datasheet HTML 90Page - Integrated Device Technology STAC9752 Datasheet HTML 91Page - Integrated Device Technology STAC9752 Datasheet HTML 92Page - Integrated Device Technology STAC9752 Datasheet HTML 93Page - Integrated Device Technology STAC9752 Datasheet HTML 94Page - Integrated Device Technology STAC9752 Datasheet HTML 95Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 93 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
93
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
*depends upon chip ID
6Ch
Page
01h
RESERVED
6Eh
Analog Special
RESERVED
AC97
ALL
MIX
RESERVED
MUTE
FIX
DISABLE
ADC
slot1
ADC
slot0
RSVD
MIC GAIN
VALUE
SPLY
OVR EN
SPLY OVR
VAL
1000h
6Eh
Page
01h
RESERVED
70h
VENDOR RESERVED
0000h
72h
Analog Current Adjust
RESERVED
INT
APOP
RESERVED
0000h
74h
EAPD Access
EAPD
RESERVED
EAPD_
OEN
RESERVED
INTDIS
GPIO ACC
GPIO
SLT12
0800h
76h
VENDOR RESERVED
0000h
78h
High Pass Filter Bypass
RSESERVED
ADC HPF
BYP
0000h
7Ah
Reserved
RESERVED
0000h
7Ch
Vendor ID1
1
0
0
0
0
0
1
1
1
0
0
0
0
1
0
0
8384h
7Eh
Vendor ID2 9752
0
1
1
1
0
1
1
0
0
1
0
1
0
0
1
0
7652h
Reg #
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com