Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 38 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 38 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 34Page - Integrated Device Technology STAC9752 Datasheet HTML 35Page - Integrated Device Technology STAC9752 Datasheet HTML 36Page - Integrated Device Technology STAC9752 Datasheet HTML 37Page - Integrated Device Technology STAC9752 Datasheet HTML 38Page - Integrated Device Technology STAC9752 Datasheet HTML 39Page - Integrated Device Technology STAC9752 Datasheet HTML 40Page - Integrated Device Technology STAC9752 Datasheet HTML 41Page - Integrated Device Technology STAC9752 Datasheet HTML 42Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
38
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
The AC-Link input frame Slot 1 tag bit is independent of the bit 11-2 slot request field, and ONLY
indicates valid Status Address Port data (Control Register Index). The CODEC should only set
SDATA_IN tag bits for Slot 1 (Address) and Slot 2 (Data) to 1 when returning valid data from a previ-
ous register read. They should otherwise be set to 0. SLOTREQ bits have validity independent of the
Slot 1 tag bit.
SLOTREQ bits are always 0 in the following cases:
•
fixed rate mode (VRA = 0)
•
inactive (powered down) ADC channel
SLOTREQ bits are only set to 1 by the CODEC in the following case:
•
Variable rate audio mode (VRA = 1) AND active (power ready) ADC AND a non-48 KHz ADC
sample rate AND CODEC does not need a sample
5.4.3.
Slot 2: Status Data Port
The status data port delivers 16-bit control register read data.
If Slot 2 is tagged invalid by AC‘97, then the entire slot will be stuffed with 0 by AC‘97.
5.4.4.
Slot 3: PCM Record Left Channel
Audio input frame slot 3 is the left channel output of STAC9752/9753 input MUX, post-ADC.
STAC9752/9753 ADCs are implemented to support 20-bit resolution.
NOTE: The ADC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
5.4.5.
Slot 4: PCM Record Right Channel
Audio input frame slot 4 is the right channel output of STAC9752/9753 input MUX, post-ADC.
STAC9752/9753 ADCs are implemented to support 20-bit resolution.
NOTE: The ADC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
5.4.6.
Slot 5: Modem Line 1 ADC
Audio input frame slot 5 is not used by the STAC9752/9753 and is always stuffed with 0.
5.4.7.
Slot 6 - 9: ADC
The left and right ADC channels of the STAC9752/9753 may be assigned to slots 6&9 by Register
6Eh.
NOTE: The ADC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
Table 10. Status Data Port Bit Assignments
Bit
Description
Comments
19:4
Control Register Read Data
Stuffed with 0 if tagged “invalid”
3:0
Reserved
Stuffed with 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com