Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 85 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 85 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 81Page - Integrated Device Technology STAC9752 Datasheet HTML 82Page - Integrated Device Technology STAC9752 Datasheet HTML 83Page - Integrated Device Technology STAC9752 Datasheet HTML 84Page - Integrated Device Technology STAC9752 Datasheet HTML 85Page - Integrated Device Technology STAC9752 Datasheet HTML 86Page - Integrated Device Technology STAC9752 Datasheet HTML 87Page - Integrated Device Technology STAC9752 Datasheet HTML 88Page - Integrated Device Technology STAC9752 Datasheet HTML 89Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
85
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
12. PIN DESCRIPTION
24 LINE_IN_R
23 LINE_IN_L
22 MIC2
21 MIC1
20 CD_R
19 CD_GND
18 CD_L
17 VIDEO_R
16 VIDEO_L
15 AUX_R
14 AUX_L
13 PHONE
MONO_OUT 37
AVdd2 38
HP_OUT_L 39
HP_COMM 40
HP_OUT_R 41
AVss2 42
GPIO0 43
GPIO1 44
CID0 45
CID1 46
EAPD 47
SPDIF 48
Figure 24. Pin Description Drawing
Pin 48: To Enable SPDIF, use a 1 K
Ω-10 KΩ external pulldown. To Disable SPDIF, use a 1KΩ-10KΩ
external pullup. Do NOT leave Pin 48 floating.
The CD_GND signal is an AC signal return for the two CD input channels. It is normally biased at about
2.5V. The name of the pin in the AC97 specification is CD_GND, and this has confused many design-
ers. It should not have any DC path to GND. Connecting the CD_GND signal directly to ground will
change the internal bias of the entire CODEC, and cause serious distortion. If there is no analog CD
input, then this pin can be No-Connect.
48-Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com