Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 16Page - Integrated Device Technology STAC9752 Datasheet HTML 17Page - Integrated Device Technology STAC9752 Datasheet HTML 18Page - Integrated Device Technology STAC9752 Datasheet HTML 19Page - Integrated Device Technology STAC9752 Datasheet HTML 20Page - Integrated Device Technology STAC9752 Datasheet HTML 21Page - Integrated Device Technology STAC9752 Datasheet HTML 22Page - Integrated Device Technology STAC9752 Datasheet HTML 23Page - Integrated Device Technology STAC9752 Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
20
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
3. TYPICAL CONNECTION DIAGRAM
Figure 9. Typical Connection Diagram
Note: Pin 48: To Enable SPDIF, use an 1 K
Ω to10 KΩ external pulldown. To Disable SPDIF, use an 1 KΩ
to10 K
Ω external pullup. Do NOT leave Pin 48 floating.
Note: The CD_GND signal is an AC signal return for the two CD input channels. It is normally biased at about
2.5 V. The name of the pin in the AC’97 specification is CD_GND, and this has confused many
designers. It should not have any DC path to GND. Connecting the CD_GND signal directly to ground
will change the internal bias of the entire CODEC, and cause serious distortion. If there is no analog CD
input, then this pin can be No-Connect.
0.1 µF
1 µF
0.1 µF
0.1 µF
1 µF
0.1 µF
2
Ω*
Ferrite Bead
3.3V ± 5%
AVdd1
AVdd2
DVdd1
DVdd2
XTL_IN
XTL_OUT
9
2
3
27 pF
27 pF
24.576 MHz
1
38
25
PC_BEEP
12
PHONE
13
AUX_L
14
AUX_R
15
VIDEO_L
16
VIDEO_R
17
CD_L
18
CD_GND
19
CD_R
20
MIC1
21
MIC2
22
LINE_IN_L
23
LINE_IN_R
41
CAP2
32
*OPTIONAL
0.1 µF
1 µF*
820 pF
29
30
AFILT1
AFILT2
820 pF
AVss1
AVss2
26
42
4
7
DVss1
DVss2
HP_OUT_R
*Terminate ground
plane as close to codec
as possible
Analog
Ground
Digital
Ground
HP_OUT_L
39
37
MONO_OUT
36
LINE_OUT_R
35
LINE_OUT_L
43
GPIO0
44
GPIO1
40
HP_COMM
48
SPDIF
34
NC
33
NC
31
NC
1 µF
27
VREF
VREFOUT
EAPD
CID1
CID0
28
47
46
45
11
RESET#
10
SYNC
24
SDATA_IN
BIT_CLK
SDATA_OUT
5
6
8
STAC9753
*OPTIONAL
27 pF
22
Ω
EMI
Filter
TUNE TO LAYOUT
HP_COMM should be tied to
ground at the headphone pin.
CLOCK_IN*
*Add resistive divider
when using 5V clock.
(Near Clk source)
0
Ω
OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com