Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 58 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 58 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 54Page - Integrated Device Technology STAC9752 Datasheet HTML 55Page - Integrated Device Technology STAC9752 Datasheet HTML 56Page - Integrated Device Technology STAC9752 Datasheet HTML 57Page - Integrated Device Technology STAC9752 Datasheet HTML 58Page - Integrated Device Technology STAC9752 Datasheet HTML 59Page - Integrated Device Technology STAC9752 Datasheet HTML 60Page - Integrated Device Technology STAC9752 Datasheet HTML 61Page - Integrated Device Technology STAC9752 Datasheet HTML 62Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
58
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.1.18.
Powerdown Ctrl/Stat (26h)
Default: 000Fh
11
0
Read / Write
I0
Interrupt Enable
0 = Interrupt generation is masked.
1 = Interrupt generation is un-masked.
The driver should not un-mask the interrupt unless ensured by the
AC ‘97 controller that no conflict is possible with modem slot 12 -
GPI functionality. Some AC’97 2.2 compliant controllers will not
likely support audio CODEC interrupt infrastructure. In either case,
S/W should poll the interrupt status after initiating a sense cycle
and wait for Sense Cycle Max Delay to determine if an interrupting
event has occurred.
10:4
0
Read Only
RESERVED Bits not used, should read back 0
3:0
0
Read / Write
PG3:PG0
Page Selector
0h = Vendor Specific
1h = Page ID 01 (See Section 8.4 for additional information on the
Paging Registers)
Fh = Reserved Pages
This register is used to select a descriptor of 16 word pages
between registers 60h to 6Fh. Value 0h is used to select vendor
specific space to maintain compatibility with AC’97 2.2 vendor
specific registers.
System S/W determines implemented pages by writing the page
number and reading the value back. All implemented pages must
be consecutive. (i.e., page 2h cannot be implemented without page
1h).
These registers are NOT reset on RESET#.
D15
D14
D13
D12
D11
D10
D9
D8
EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
REF
ANL
DAC
ADC
Bit(s)
Reset Value
Name
Description
15
0
EAPD
1 = Forces EAPD pad to Vdd
0 = Forces EAPD pad to GND
14
0
PR6
0 = Headphone Amp powered up
1 = Headphone Amp powered down
13
0
PR5
0 = Digital Clk active
1 = Digital Clk disable.
12
0
PR4
0 = digital active
1 = Powerdown: PLL, AC-Link, Xtal oscillator ;
11
0
PR3
0 = VREF and VREFOUT are active
1 = VREF and VREFOUT are powered down, and PR2 is asserted in
analog block
10
0
PR2
0 = analog active
1 = all signal path analog is powered down
9
0
PR1
0 = DAC powered up
1 = DAC powered down
Bit(s) Reset Value
Access
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com