Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 61 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 61 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 57Page - Integrated Device Technology STAC9752 Datasheet HTML 58Page - Integrated Device Technology STAC9752 Datasheet HTML 59Page - Integrated Device Technology STAC9752 Datasheet HTML 60Page - Integrated Device Technology STAC9752 Datasheet HTML 61Page - Integrated Device Technology STAC9752 Datasheet HTML 62Page - Integrated Device Technology STAC9752 Datasheet HTML 63Page - Integrated Device Technology STAC9752 Datasheet HTML 64Page - Integrated Device Technology STAC9752 Datasheet HTML 65Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
61
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.1.20.
Extended Audio Control/Status (2Ah)
Default: 0400h* (*default depends on CODEC ID)
Note: If pin 48 is held high at powerup, the SPDIF is not available and bits D15:D1 can not be written and will
read back zero.
Pin 48: To Enable SPDIF, use an external 1K
Ω -10KΩ pulldown resistor. To Disable SPDIF, use an
external 1K
Ω -10KΩ pullup resistor. Do NOT leave Pin 48 floating.
D15
D14
D13
D12
D11
D10
D9
D8
VCFG
RESERVED
SPCV
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
SPSA1
SPSA0
RSRVD
SPDIF
RSRVD
VRA enable
Bit(s) Reset Value
Name
Description
15
VCFG
Determines the SPDIF transmitter behavior when data is not being
transmitted. When asserted, this bit forces the deassertion of the SPDIF
“Validity” flag, which is bit 28 transmitted by the SPDIF sub-frame. The “V” bit
is defined in the SPDIF Control Register (Reg 3Ah).
If “V” = 1 and “VCFG” = 0, then for each S/PDIF sub-frame (Left & Right),
bit[28] “Validity” flag reflects whether or not an internal CODEC transmission
error has occurred. Specifically an internal CODEC error should result in the
“Validity” flag being set to 1.
If “V” = 0 and “VCFG” = 1, In the case where the S/PDIF transmitter does not
receive a valid sample from the AC'97 controller, (Left or Right), the S/PDIF
transmitter should set the “Validity” flag to “0” and pad the “Audio Sample
Word” with “0”s for sub-frame in question. If a valid sample (Left or Right) was
received and successfully transmitted, the “Validity” flag should be “0” for that
sub-frame.
Default state, coming out of reset, for “V” and “VCFG” should be 0 and 0.
These bits can be set via driver .inf options.
14-11
Reserved
Reserved
10
0
SPCV
0 = Invalid SPDIF configuration
1 = Valid SPDIF configuration
9:6
0
Reserved
Bit not used, should read back 0
5:4
0
SPSA1:SPSA0
SPDIF slot assignment
If CID[1:0] = 00 then SPSA[1:0] resets to 01
If CID[1:0] = 01 then SPSA[1:0] resets to 10
If CID[1:0] = 10 then SPSA[1:0] resets to 10
If CID[1:0] = 11 then SPSA[1:0] resets to 11
00 = left slot 3, right slot 4
01 = left slot 7, right slot 8
10 = left slot 6, right slot 9
11 = left slot 10, right slot 11
3
Reserved
Reserved
2
0
SPDIF
0 = Disables SPDIF (SPDIF_OUT is high Z) (note 1)
1 = Enable SPDIF
SPDIF is a control register for Reg 3Ah, this bit must be set low i.e. SPDIF
disabled in order to write to Reg 3Ah Bits D15,D13:D0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com