Electronic Components Datasheet Search
  English  ▼

X  

STAC9752 Datasheet(PDF) 27 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 23Page - Integrated Device Technology STAC9752 Datasheet HTML 24Page - Integrated Device Technology STAC9752 Datasheet HTML 25Page - Integrated Device Technology STAC9752 Datasheet HTML 26Page - Integrated Device Technology STAC9752 Datasheet HTML 27Page - Integrated Device Technology STAC9752 Datasheet HTML 28Page - Integrated Device Technology STAC9752 Datasheet HTML 29Page - Integrated Device Technology STAC9752 Datasheet HTML 30Page - Integrated Device Technology STAC9752 Datasheet HTML 31Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
27
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
4.6.
AC-Link Power Management
4.6.1.
Powering down the AC-Link
The AC-Link signals can be placed in a low power mode. When the AC‘97’s Powerdown Register
(26h) is programmed to the appropriate value, both BIT_CLK and SDATA_IN are brought to and
held at a logic low voltage level. After signaling a reset to AC‘97, the AC‘97 Controller should not
attempt to play or capture audio data until it has sampled a CODEC Ready indication from AC‘97.
Figure 13. STAC9752/9753 Powerdown Timing
BIT_CLK and SDATA_IN are transitioned low immediately following decode of the write to the Pow-
erdown Register (26h) with PR4. When the AC‘97 Controller driver is at the point where it is ready to
program the AC-Link into its low power mode, slots 1 and 2 are assumed to be the only valid stream
in the audio output frame.
After programming the AC‘97 device to this low power, halted mode, the AC‘97 Controller is required
to drive and keep SYNC and SDATA_OUT low.
Once the AC‘97 CODEC has been instructed to halt BIT_CLK, a special “wake-up” protocol must be
used to bring the AC-Link to the active mode since normal audio output and input frames can not be
communicated in the absence of BIT_CLK.
4.6.2.
Waking up the AC-Link
There are two methods for bringing the AC-Link out of a low power, halted mode. Regardless of the
method, it is the AC‘97 Controller that performs the wake-up task.
4.6.2.1.
Controller Initiates Wake-up
The AC-Link protocol provides for a “Cold AC‘97 Reset”, and a “Warm AC‘97 Reset”. The current
powerdown state ultimately dictates which form of AC‘97 reset is appropriate. Unless a “cold” or
“register” reset (a write to the Reset Register) is performed, wherein the AC‘97 registers are initial-
ized to their default values, registers are required to keep state during all powerdown modes.
Once powered down, re-activation of the AC-Link via re-assertion of the SYNC signal must not occur
for a minimum of four audio frame times following the frame in which the powerdown was triggered.
When AC-Link powers up, the CODEC i ndicates readiness via the CODEC Ready bit (input slot 0,
bit 15).
SYNC
BIT_CLK
SDATA_OUT
Note: BIT_CLK not to scale
SDATA_IN
TAG
Write to
0x20
slot 2
per
frame
DATA
PR4
TAG
slot 2
per
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com